PART |
Description |
Maker |
ST72631K4B0 ST72632K4B0 ST72633K4B0 ST72E631K4B0 S |
LOW SPEED USB 8-BIT MCU FAMILY with up to 16K MEMORY, up to 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I2C 8-BIT MICROCONTROLLER (MCU) FOR LOW SPEED USB WITH UP TO 16K MEMORY,UP TO 512 BYTES RAM, ADC, WDG, TIMER, SCI & I2C, SDIP32-SO34 ST7263 - LOW SPEED USB 8-BIT MCU FAMILY WITH UP TO 16K MEMORY, UP TO 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I2C
|
ST Microelectronics
|
AN1180 |
USB - USING THE ST7263 KIT TO IMPLEMENT A USB GAME PAD
|
SGS Thomson Microelectronics
|
AN1322 |
USB - MIGRATING AN APPLICATION FROM ST7263 REV.B TO ST7263B
|
SGS Thomson Microelectronics ST Microelectronics
|
C9860-44 C9872-22 C9860-42 |
ST7265X - LOW-POWER, FULL-SPEED USB 8-BIT MCU WITH 32K FLASH, 5K RAM, FLASH CARD I/F, TIMER, PWM, ADC, I2C, SPI SYSTEM VOLTAGE REGULATOR WITH FAULT TOLERANT LOW SPEED CAN-TRANSCEIVER 光电
|
ON Semiconductor
|
ST72F62 |
LOW SPEED USB 8-BIT MCU
|
ST Microelectronics
|
ST72F63BE6M1 ST72F63BK4M1 ST72F63BK6B1 ST72F63BD6U |
Low speed USB 8-bit MCU family with up to 32 KB Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI and I虏C Low speed USB 8-bit MCU family with up to 32 KB Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI and I2C
|
STMicroelectronics http://
|
ST72F63BD6U1 ST72F63BE1M1 ST72F63BE2M1 ST72F63BE4M |
Low speed USB 8-bit MCU family with up to 32K Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI & I?C
|
STMicroelectronics
|
ST7263BKX |
Low speed USB 8-bit MCU family with up to 32 KB Flash/ROM
|
STMicroelectronics
|
ST7263BK2B1/GEN ST7263BK4 ST72P63BK2B1 ST72P63BK4B |
LOW SPEED USB 8-BIT MCU FAMILY WITH FLASH/ROM, UP TO 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I2C, SO34-PSDIP32
|
ST Microelectronics
|
ST72622L2M1L |
LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, FLASH OR ROM MEMORY, LVD, WDG, 10-BIT ADC, 2 TIMERS, SCI, SPI 低速USB 8 3端点,Flash或ROM存储器,内径,水分散粒剂0位ADC2个定时器,脊髓损伤和SPI位微控制
|
STMicroelectronics N.V.
|
ST7265AR6M1 ST7265C6M0 ST7265L6M0 ST7265C6M0E ST72 |
LOW-POWER, FULL-SPEED USB 8-BIT MCU WITH 32K FLASH, 5K RAM, FLASH CARD I/F, TIMER, PWM, ADC, I2C, SPI 低功耗,全速USB 8位微控制2K快闪5k需要内存,闪存卡的I /楼,定时器,PWM,ADC的而I2C,SPI ST7 - LOW-POWER. FULL-SPEED USB 8-BIT MCU WITH 32K FLASH. 5K RAM. FLASH CARD I/F. TIMER. PWM. ADC. I2C
|
意法半导 STMicroelectronics N.V.
|
|